Part Number Hot Search : 
UMG4NTR 7039A 012R2 M082B1 SP8630B GS864218 HZM68FA 112U0
Product Description
Full Text Search
 

To Download USF1E330MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
SF
7mmL, Low Impedance
series
Low impedance over wide temperature range of - 55 ~ +105C, with 7mm height. Adapted to the RoHS directive (2002/95/EC).
SF
Low Impedance
ST
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 55 ~ +105C 6.3 ~ 35V 6.8 ~ 220F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A), whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
6.3 0.18
10 0.16 6.3 2 3
16 0.14 10 2 3 16 2 3
25 0.12 25 2 3
35 0.12 35 2 3
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio Z- 55C / Z+20C ZT / Z20 (MAX.)
Endurance
After 1000 hours' application of rated voltage at 105C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on dark brown sleeve.
Radial Lead Type
Type numbering system (Example : 10V 33F)
1 2 3 4 5 6 7 8 9 10 11
U S F 1 A 3 3 0 M DD
Sleeve (P.E.T.) d Configuration Capacitance tolerance (20%)
D+0.5MAX P 0.5
Rated Capacitance (33 F) Rated voltage (10V) Series name
L+1MAX
15MIN
4MIN
(mm)
D P d
Type Configuration D 4~8
Pb-free leadwire Pb-free PET sleeve
4 1.5 0.45
5 2.0 0.45
6.3 2.5 0.45
8 3.5 0.5
DD
Dimensions
V Cap.(F) Code
6.3 0J
10 1A
16 1C 4x7 5x7 5x7 6.3 x 7 8x7 8x7
25 1E 3.3 1.7 1.7 0.8 0.5 0.5 70 110 110 160 200 200 4x7 5x7 6.3 x 7 6.3 x 7 8x7
35 1V 3.3 1.7 0.8 0.8 0.5 70 110 160 160 200
6.8 10 15 22 33 47 68 100 150 220
6R8 100 150 220 330 470 680 101 151 221
5x7 5x7 6.3 x 7 6.3 x 7 8x7 8x7
1.7 1.7 0.8 0.8 0.5 0.5
110 110 160 160 200 200
4x7 5x7 6.3 x 7 6.3 x 7 8x7 8x7
3.3 1.7 0.8 0.8 0.5 0.5
70 110 160 160 200 200
4x7 5x7 6.3 x 7 6.3 x 7 8x7 8x7
3.3 1.7 0.8 0.8 0.5 0.5
70 110 160 160 200 200
Case size D x L (mm)
Impedance
Rated ripple
Max. Impedance () at 20C 100kHz Rated Ripple (mArms) at 105C 100kHz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.35 120 Hz 0.50 300 Hz 0.64 1 kHz 0.83 10 kHz ~ 1.00
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of USF1E330MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X